| データシートサーチシステム |
|
ST7MC1K6-Auto データシート(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto データシート(HTML) 148 Page - STMicroelectronics |
|
148 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 148/371 Note: The extended prescaler is activated by setting the SCIETPR or SCIERPR register to a value other than zero. The baud rates are calculated as follows: Equation 8 where ETPR = 1, ..., 255 (see SCI extended transmit prescaler division register (SCIETPR) on page 158) ERPR = 1, ..., 255 (see SCI extended receive prescaler division register (SCIERPR) on page 157) Tx = 16*ETPR*(PR*TR) fCPU Rx = 16*ERPR*(PR*RR) fCPU Obsolete Product(s) - Obsolete Product(s) |