| データシートサーチシステム |
|
ST7MC1K6-Auto データシート(PDF) 207 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto データシート(HTML) 207 Page - STMicroelectronics |
|
207 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto On-chip peripherals 207/371 Table 92. Sensor/sensorless mode and D and Z event selection(1) SR bit SPLG bit DS[3:0] bits Mode OS[2:0 bits use Event detection sampling clock Sampling behavior for Z event detection Window and event filters Behavior of the output PWM 00 000 Sensors not used Enabled D: fSCF Z: SA and OT config. PWM frequency At the end of the off time of the PWM signal ‘Before D’ behavior, ‘between D and Z’ behavior and ‘after Z’ behavior 01 000 Sensors not used Enabled D: fSCF Z: fSCF During off time or ON time of the PWM signal ‘Before D’ behavior, ‘between D and Z’ behavior and ‘after Z’ behavior 00 Not equal to 000 Sensors not used Enabled D: fSCF Z: SA and OT config. PWM frequency During ON time of the PWM signal ‘Before D’ behavior, ‘between D and Z’ behavior and ‘after Z’ behavior 01 Not equal to 000 Sensors not used Enabled D: fSCF Z: fSCF During ON time of the PWM signal ‘Before D’ behavior, ‘between D and Z’ behavior and ‘after Z’ behavior 1 x xxx Position sensors used OS1 disabled Z: fSCF During OFF time or ON time of the PWM signal No Z window filter - only Z event filter is active in sensor mode ‘Before Z’ behavior and ‘after Z’ behavior 1. For fSCF selection, see Table 166 Obsolete Product(s) - Obsolete Product(s) |