| データシートサーチシステム |
|
ST7MC2S4-Auto データシート(PDF) 274 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4-Auto データシート(HTML) 274 Page - STMicroelectronics |
|
274 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 274/371 1001 10 No D event filter 1010 11 1011 12 1100 13 1101 14 1110 15 1111 16 1. Sampling is done at the selected fSCF frequency. Table 141. D window filter setting(1) 1. Times are indicated for 4 MHz fPERIPH. DWF3 DWF2 DWF1 DWF0 C to D window filter in sensorless mode (SR = 0) SR = 1 0000 5 µs No window filter after C event 0001 10 µs 0010 15 µs 0011 20 µs 0100 25 µs 0101 30 µs 0110 35 µs 0111 40 µs 1000 60 µs 1001 80 µs 1010 100 µs 1011 120 µs 1100 140 µs 1101 160 µs 1110 180 µs 1111 200 µs Table 140. D event filter setting(1) (continued) DEF3 DEF2 DEF1 DEF0 D event samples SR = 1 Obsolete Product(s) - Obsolete Product(s) |