| データシートサーチシステム |
|
ST7MC2S4-Auto データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4-Auto データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Central processing unit 41/371 pointed to by the SP. Then the other registers are stored in the next locations as shown in Figure 8. ● When an interrupt is received, the SP is decremented and the context is pushed on the stack. ● On return from interrupt, the SP is incremented and the context is popped from the stack. A subroutine call occupies two locations and an interrupt five locations in the stack area. Figure 8. Stack manipulation example PCH PCL SP PCH PCL SP PCL PCH X A CC PCH PCL SP PCL PCH X A CC PCH PCL SP PCL PCH X A CC PCH PCL SP SP Y Call Interrupt event Push Y Pop Y IRET RET or RSP @ 01FFh @ 0100h Stack higher address = 01FFh Stack lower address = 0100h subroutine Obsolete Product(s) - Obsolete Product(s) |