| データシートサーチシステム |
|
ST7MC2S4-Auto データシート(PDF) 365 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4-Auto データシート(HTML) 365 Page - STMicroelectronics |
|
365 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Known limitations 365/371 Figure 165. Header reception event sequence Impact on application Software may execute the interrupt routine twice after header reception. Moreover, in reception mode, as the receiver is no longer in mute mode, an interrupt is generated on each data byte reception. Workaround The problem can be detected in the LINSCI interrupt routine. In case of timeout error (LHE is set and LHLR is loaded with 00h), the software can check the RWU bit in the SCICR2 register. If RWU is cleared, it can be set by software. Refer to Figure 166. Workaround is shown in bold characters. Figure 166. LINSCI interrupt routine LIN synch LIN synch Identifier field field break Theader Active mode is set RDRF flag is set Critical window ID field STOP bit (RWU is cleared) @interrupt void LINSCI_IT ( void ) /* LINSCI interrupt routine */ { /* clear flags */ SCISR_buffer = SCISR; SCIDR_buffer = SCIDR; if ( SCISR_buffer & LHE )/* header error ? */ { if (!LHLR)/* header time-out? */ { if ( !(SCICR2 & RWU) )/* active mode ? */ { _asm("sim");/* disable interrupts */ SCISR; SCIDR;/* Clear RDRF flag */ SCICR2 |= RWU;/* set mute mode */ SCISR; SCIDR;/* Clear RDRF flag */ SCICR2 |= RWU;/* set mute mode */ _asm("rim");/* enable interrupts */ } } } } Example using cosmic compiler syntax Obsolete Product(s) - Obsolete Product(s) |