| データシートサーチシステム |
|
ST10F296 データシート(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 データシート(HTML) 173 Page - STMicroelectronics |
|
173 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Parallel ports 173/346 13.12.2 Alternate functions of XPort 10 Each line of XPort 10 is also connected to a multiplexer of the ADC. All port lines (XP10.15 to XP10.0) can accept analog signals (AN31 to AN16) that can be converted by the ADC. No special programming is required for pins that are used as analog inputs. Table 112 summarizes the alternate functions of XPort 10. Figure 60. XPort 10 I/O and alternate functions Table 112. XPort 10 alternate functions XPort 10 pin Alternate function XP10.0 XP10.1 XP10.2 XP10.3 XP10.4 XP10.5 XP10.6 XP10.7 XP10.8 XP10.9 XP10.10 XP10.11 XP10.12 XP10.13 XP10.14 XP10.15 Analog input AN16 Analog input AN17 Analog input AN18 Analog input AN19 Analog input AN20 Analog input AN21 Analog input AN22 Analog input AN23 Analog input AN24 Analog input AN25 Analog input AN26 Analog input AN27 Analog input AN28 Analog input AN29 Analog input AN30 Analog input AN31 XPort 10 Alternate functions (a) General purpose input ADC input XP10.7 XP10.6 XP10.5 XP10.4 XP10.3 XP10.2 XP10.1 XP10.0 XP10.15 XP10.14 XP10.13 XP10.12 XP10.11 XP10.10 XP10.9 XP10.8 AN23 AN22 AN21 AN20 AN19 AN18 AN17 AN16 AN31 AN30 AN29 AN28 AN27 AN26 AN25 AN24 Obsolete Product(s) - Obsolete Product(s) |