| データシートサーチシステム |
|
ST10F296 データシート(PDF) 195 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 データシート(HTML) 195 Page - STMicroelectronics |
|
195 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E CAN modules 195/346 17.4.2 Multiple CAN bus The ST10F296E provides two CAN interfaces to support the bus configuration shown in Figure 69. Figure 69. Connection to two different CAN buses (example for gateway application) 17.4.3 Parallel mode A parallel mode configuration is also supported, as shown in Figure 70. Figure 70. Connection to one CAN bus with internal parallel mode enabled 1. When P4.4 and P4.7 are not used as CAN functions, they can be used as general purpose I/Os, but, they cannot be used as external bus address lines. Refer to Section 13.6.2: Alternate functions of Port 4 on page 144 for more details. CAN_H CAN_L CAN bus 1 CAN_H CAN_L CAN bus 2 XMISC.CANPAR = 0 CAN1 RX TX CAN2 RX TX CAN CAN transceiver transceiver P4.4 P4.7 P4.5 P4.6 XMISC.CANPAR = 1 CAN2 RX TX P4.4 P4.7 P4.5 P4.6 CAN CAN_H CAN_L CAN bus transceiver CAN1 RX TX (both CANs enabled) Obsolete Product(s) - Obsolete Product(s) |