| データシートサーチシステム |
|
ST10F296 データシート(PDF) 266 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 データシート(HTML) 266 Page - STMicroelectronics |
|
266 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Register set ST10F296E 266/346 CAN1MV1 EFB0h CAN1 message valid 1 0000h CAN1MV2 EFB2h CAN1 message valid 2 0000h CAN1ND1 EF90h CAN1 new data 1 0000h CAN1ND2 EF92h CAN1 new data 2 0000h CAN1SR EF02h CAN1 status register 0000h CAN1TR EF0Ah CAN1 test register 00x0h CAN1TR1 EF80h CAN1 transmission request 1 0000h CAN1TR2 EF82h CAN1 transmission request 2 0000h CAN2BRPER EE0Ch CAN2 BRP extension register 0000h CAN2BTR EE06h CAN2 bit timing register 2301h CAN2CR EE00h CAN2 CAN control register 0001h CAN2EC EE04h CAN2 error counter 0000h CAN2IF1A1 EE18h CAN2 IF1 arbitration 1 0000h CAN2IF1A2 EE1Ah CAN2 IF1 arbitration 2 0000h CAN2IF1CM EE12h CAN2 IF1 command mask 0000h CAN2IF1CR EE10h CAN2 IF1 command request 0001h CAN2IF1DA1 EE1Eh CAN2 IF1 data A 1 0000h CAN2IF1DA2 EE20h CAN2 IF1 data A 2 0000h CAN2IF1DB1 EE22h CAN2 IF1 data B 1 0000h CAN2IF1DB2 EE24h CAN2 IF1 data B 2 0000h CAN2IF1M1 EE14h CAN2 IF1 mask 1 FFFFh CAN2IF1M2 EE16h CAN2 IF1 mask 2 FFFFh CAN2IF1MC EE1Ch CAN2 IF1 message control 0000h CAN2IF2A1 EE48h CAN2 IF2 arbitration 1 0000h CAN2IF2A2 EE4Ah CAN2 IF2 arbitration 2 0000h CAN2IF2CM EE42h CAN2 IF2 command mask 0000h CAN2IF2CR EE40h CAN2 IF2 command request 0001h CAN2IF2DA1 EE4Eh CAN2 IF2 data A 1 0000h CAN2IF2DA2 EE50h CAN2 IF2 data A 2 0000h CAN2IF2DB1 EE52h CAN2 IF2 data B 1 0000h CAN2IF2DB2 EE54h CAN2 IF2 data B 2 0000h CAN2IF2M1 EE44h CAN2 IF2 mask 1 FFFFh CAN2IF2M2 EE46h CAN2 IF2 mask 2 FFFFh CAN2IF2MC EE4Ch CAN2 IF2 message control 0000h Table 142. X registers ordered by name (continued) Name Physical address Description Reset value Obsolete Product(s) - Obsolete Product(s) |