| データシートサーチシステム |
|
ST10F296 データシート(PDF) 330 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 データシート(HTML) 330 Page - STMicroelectronics |
|
330 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Electrical characteristics ST10F296E 330/346 The following figures (Figure 112 to Figure 115) present the different configurations of external memory cycle for a demultiplxed bus. Figure 112. Demultiplexed bus with/without read/write delay and normal ALE 1. Unlatched CSx = t41u = t41 TCL = 10.5 + tF. Write cycle CLKOUT ALE A23-A16 A15-A0 (P1) BHE WR WRL WRH Data in Data out t 38 t 5 t 16 t 39 t 41 t 18 t 14 t 22 t 12 Address t 17 t 13 t 15 t 12 t 13 t21 t 20 t 81 t 80 t 26 t 24 t 17 t 6 t 41u t 6 t 80 t 81 t 28 (or t28h) CSx Read cycle Data bus (P0) RD (1) (D15-D8) D7-D0 Data bus (P0) (D15-D8) D7-D0 (1) Obsolete Product(s) - Obsolete Product(s) |