| データシートサーチシステム |
|
ST10F296 データシート(PDF) 335 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296 データシート(HTML) 335 Page - STMicroelectronics |
|
335 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Electrical characteristics 335/346 Figure 116. READY and CLKOUT 1. Cycle as programmed, including MCTC wait states (example shows 0 MCTC wait states). 2. The leading edge of the respective command depends on R/W delay. 3. READY sampled high at this sampling point generates a READY controlled wait state, READY sampled low at this sampling point terminates the current running bus cycle. 4. READY may be deactivated in response to the trailing (rising) edge of the corresponding command (RD or WR). 5. If the asynchronous READY signal does not fulfill the indicated setup and hold times with respect to CLKOUT (for example, because CLKOUT is not enabled), it must fulfill t37 to be safely synchronized. This is guaranteed if READY is removed in response to the command (see Note 4). 6. Multiplexed bus modes have a MUX wait state added after a bus cycle, and an additional MTTC wait state may be inserted here. For a multiplexed bus with MTTC wait state this delay is 2 CLKOUT cycles. For a demultiplexed bus without MTTC wait state this delay is zero. 7. The next external bus cycle may start here. t30 t34 t35 t36 t35 t36 t58 t59 t58 t59 wait state READY MUX/tri-state(6) t32 t33 t29 Running cycle(1) t31 t37 (3) (3) (5) t60 (4) (6) (2) (7) (3) (3) CLKOUT ALE RD, WR Synchronous Asynchronous READY READY Obsolete Product(s) - Obsolete Product(s) |