データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72321RX データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST72321RX
部品情報  SPI synchronous serial interface
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321RX データシート(HTML) 13 Page - STMicroelectronics

Back Button ST72321RX Datasheet HTML 9Page - STMicroelectronics ST72321RX Datasheet HTML 10Page - STMicroelectronics ST72321RX Datasheet HTML 11Page - STMicroelectronics ST72321RX Datasheet HTML 12Page - STMicroelectronics ST72321RX Datasheet HTML 13Page - STMicroelectronics ST72321RX Datasheet HTML 14Page - STMicroelectronics ST72321RX Datasheet HTML 15Page - STMicroelectronics ST72321RX Datasheet HTML 16Page - STMicroelectronics ST72321RX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 193 page
background image
ST72321Rx ST72321ARx ST72321Jx
13/193
ISTICS for more details.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil-
lator; see Section 1 DESCRIPTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for
more details.
4. On the chip, each I/O port may have up to 8 pads:
– ads that are not bonded to external pins are forced by hardware in input pull-up configuration after reset.
The configuration of these pads must be kept at reset state to avoid added current consumption.
5.
Pull-up always activated on PE2 see limitation Section 15.4.6.
6.
It is mandatory to connect all available VDD and VREF pins to the supply voltage and all VSS and VSSA
pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More