| データシートサーチシステム |
|
ST72345C4 データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72345C4 データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 247 page ![]() Interrupts ST72344xx, ST2345xx 54/247 Doc ID 12321 Rev 6 Figure 20. Interrupt processing flowchart Servicing pending interrupts As several interrupts can be pending at the same time, the interrupt to be taken into account is determined by the following two-step process: ● the highest software priority interrupt is serviced, ● if several interrupts have the same software priority, then the interrupt with the highest hardware priority is serviced first. Figure 21 describes this decision process. Figure 21. Priority decision process Table 13. Interrupt software priority levels Interrupt software priority Level I1 I0 Level 0 (main) Low High 10 Level 1 01 Level 2 00 Level 3 (= interrupt disable) 11 “IRET” RESTORE PC, X, A, CC STACK PC, X, A, CC LOAD I1:0 FROM INTERRUPT SW REG. FETCH NEXT RESET TRAP PENDING INSTRUCTION I1:0 FROM STACK LOAD PC FROM INTERRUPT VECTOR Y N Y N Y N Interrupt has the same or a lower software priority THE INTERRUPT STAYS PENDING than current one EXECUTE INSTRUCTION INTERRUPT PENDING SOFTWARE Different INTERRUPTS Same HIGHEST HARDWARE PRIORITY SERVICED PRIORITY HIGHEST SOFTWARE PRIORITY SERVICED |