データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L101x3 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM8L101x3
部品情報  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x3 データシート(HTML) 14 Page - STMicroelectronics

Back Button STM8L101x3 Datasheet HTML 10Page - STMicroelectronics STM8L101x3 Datasheet HTML 11Page - STMicroelectronics STM8L101x3 Datasheet HTML 12Page - STMicroelectronics STM8L101x3 Datasheet HTML 13Page - STMicroelectronics STM8L101x3 Datasheet HTML 14Page - STMicroelectronics STM8L101x3 Datasheet HTML 15Page - STMicroelectronics STM8L101x3 Datasheet HTML 16Page - STMicroelectronics STM8L101x3 Datasheet HTML 17Page - STMicroelectronics STM8L101x3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Product overview
STM8L101x1 STM8L101x2 STM8L101x3
14/88
DocID15275 Rev 16
3.15
USART
The USART interface (USART) allows full duplex, asynchronous communications with
external devices requiring an industry standard NRZ asynchronous serial data format. It
offers a very wide range of baud rates.
3.16
SPI
The serial peripheral interface (SPI) provides half/ full duplex synchronous serial
communication with external devices. It can be configured as the master and in this case it
provides the communication clock (SCK) to the external slave device. The interface can
also operate in multi-master configuration.
3.17
I²C
The inter-integrated circuit (I2C) bus interface is designed to serve as an interface between
the microcontroller and the serial I2C bus. It provides multi-master capability, and controls all
I²C bus-specific sequencing, protocol, arbitration and timing. It manages standard and fast
speed modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88