| データシートサーチシステム |
|
ST72361AR9-Auto データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR9-Auto データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 279 page ![]() ST72361xx-Auto I/O ports Doc ID 12468 Rev 3 77/279 8.4.3 Pull-up input port The PC4 port cannot operate as a general purpose output. If DDR = 1 it is still possible to read the port through the DR register. Table 31. Configuration of PC4 Mode pull-up input Table 32. Port configuration Port Pin name Input Output OR = 0 OR = 1 OR = 0 OR = 1 Port A PA0 floating pull-up interrupt (ei0) open drain push-pull PA1 floating interrupt (ei0) PA2 pull-up interrupt (ei0) PA3 floating interrupt (ei0) PA4 pull-up interrupt (ei0) PA5 floating interrupt (ei0) PA6 pull-up interrupt (ei0) PA7 floating interrupt (ei0) Port B PB0 floating pull-up interrupt (ei1) open drain push-pull PB1 floating interrupt (ei1) PB2 pull-up interrupt (ei1) PB3 floating interrupt (ei1) PB4 pull-up interrupt (ei1) PB5 floating interrupt (ei1) Port C PC0 floating pull-up open drain push-pull PC1 pull-up interrupt (ei2) PC2 floating interrupt (ei2) PC3 pull-up PC4 pull-up PC7:5 floating pull-up open drain push-pull |