| データシートサーチシステム |
|
ST72561R6-Auto データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 324 page ![]() Interrupts ST72561-Auto 52/324 Doc ID 12370 Rev 8 When an interrupt request is not serviced immediately, it is latched and then processed when its software priority combined with the hardware priority becomes the highest one. Note: 1 The hardware priority is exclusive while the software one is not. This allows the previous process to succeed with only one interrupt. 2 RESET, TRAP and TLI can be considered as having the highest software priority in the decision process. Different interrupt vector sources Two interrupt source types are managed by the ST7 interrupt controller: the non-maskable type (RESET, TRAP) and the maskable type (external or from internal peripherals). Non-maskable sources These sources are processed regardless of the state of the I1 and I0 bits of the CC register (see Figure 17). After stacking the PC, X, A and CC registers (except for RESET), the corresponding vector is loaded in the PC register and the I1 and I0 bits of the CC are set to disable interrupts (level 3). These sources allow the processor to exit HALT mode. ● TRAP (Non Maskable Software Interrupt) Caution: This software interrupt is serviced when the TRAP instruction is executed. It will be serviced according to the flowchart in Figure 17 as a TLI. TRAP can be interrupted by a TLI. ● RESET The RESET source has the highest priority in the ST7. This means that the first current routine has the highest software priority (level 3) and the highest hardware priority. See the RESET chapter for more details. Maskable sources Maskable interrupt vector sources can be serviced if the corresponding interrupt is enabled and if its own interrupt software priority (in ISPRx registers) is higher than the one currently being serviced (I1 and I0 in CC register). If any of these two conditions is false, the interrupt is latched and thus remains pending. ● TLI (Top Level Hardware Interrupt) Caution: This hardware interrupt occurs when a specific edge is detected on the dedicated TLI pin. A TRAP instruction must not be used in a TLI service routine. ● External Interrupts External interrupts allow the processor to exit from HALT low power mode. External interrupt sensitivity is software selectable through the External Interrupt Control register (EICR). External interrupt triggered on edge will be latched and the interrupt request automatically cleared upon entering the interrupt service routine. If several input pins of a group connected to the same interrupt line are selected simultaneously, these will be logically ORed. ● Peripheral Interrupts Usually the peripheral interrupts cause the MCU to exit from HALT mode except those mentioned in the “Interrupt Mapping” table. A peripheral interrupt occurs when a specific flag is set in the peripheral status registers and |