| データシートサーチシステム |
|
STM8L152C6 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C6 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 142 page ![]() Pinout and pin description STM8L151x4/6, STM8L152x4/6 32/142 DocID15962 Rev 15 30 - - - PB6/[SPI1_MOSI](4)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP I/O TT (3) X XX HS X X Port B6 [SPI1 master out/slave in]/ LCD segment 16 / ADC1_IN12 / Comparator 1 positive input -19 18 F1 PB6/[SPI1_MOSI](4)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP/ DAC_OUT I/O TT (3) X XX HS X X Port B6 [SPI1 master out]/ slave in / LCD segment 16 / ADC1_IN12 / DAC output / Comparator 1 positive input 31 20 19 E1 PB7/[SPI1_MISO](4)/ LCD_SEG17(2)/ ADC1_IN11/COMP1_INP I/O TT (3) X XX HS X X Port B7 [SPI1 master in- slave out] / LCD segment 17 / ADC1_IN11 / Comparator 1 positive input 37 25 21 B1 PC0(5)/I2C1_SDA I/O FT X XT(7) Port C0 I2C1 data 38 26 22 A1 PC1(5)/I2C1_SCL I/O FT X XT(7) Port C1 I2C1 clock 41 27 23 B2 PC2/USART1_RX/ LCD_SEG22/ADC1_IN6/ COMP1_INP/VREFINT I/O TT (3) X XX HS X X Port C2 USART1 receive / LCD segment 22 / ADC1_IN6 / Comparator 1 positive input / Internal voltage reference output 42 28 24 A2 PC3/USART1_TX/ LCD_SEG23(2)/ ADC1_IN5/COMP1_INP/ COMP2_INM I/O TT (3) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 / Comparator 1 positive input / Comparator 2 negative input 43 29 25 C2 PC4/USART1_CK/ I2C1_SMB/CCO/ LCD_SEG24(2)/ ADC1_IN4/COMP2_INM/ COMP1_INP I/O TT (3) X XX HS X X Port C4 USART1 synchronous clock / I2C1_SMB / Configurable clock output / LCD segment 24 / ADC1_IN4 / Comparator 2 negative input / Comparator 1 positive input Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued) Pin number Pin name Input Output Default alternate function |