| データシートサーチシステム |
|
STM8S003K3 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003K3 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 104 page ![]() Option bytes STM8S003F3 STM8S003K3 44/104 DocID018576 Rev 9 8.1 Alternate function remapping bits Table 14. STM8S003K3 alternate function remapping bits for 32-pin devices Option byte number Description(1) 1. Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0 OPT2 AFR7Alternate function remapping option 7 Reserved. AFR6 Alternate function remapping option 6 0: AFR6 remapping option inactive: default alternate function(2) 1: Port D7 alternate function = TIM1_CH4. AFR5 Alternate function remapping option 5 0: AFR5 remapping option inactive: default alternate function(2) 1: Port D0 alternate function = CLK_CCO. AFR[4:2] Alternate function remapping option 4:2 Reserved. AFR1 Alternate function remapping option 1 0: AFR1 remapping option inactive: default alternate function(2) 1: Port A3 alternate function = SPI_NSS; port D2 alternate function TIM2_CH3 AFR0 Alternate function remapping option 0 Reserved. 2. Refer to the pinout description. |