| データシートサーチシステム |
|
STM8S005K6 データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S005K6 データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 97 page ![]() DocID022186 Rev 4 41/97 STM8S005C6 STM8S005K6 Option bytes 41 Table 13. Description of alternate function remapping bits [7:0] of OPT2 Option byte number Description(1) 1. Do not use more than one remapping option in the same port. OPT2 AFR7Alternate function remapping option 7 0: AFR7 remapping option inactive: default alternate function(2) 1: Port D4 alternate function = BEEP AFR6 Alternate function remapping option 6 0: AFR6 remapping option inactive: default alternate function(2) 1: Port B5 alternate function = I2C_SDA; port B4 alternate function = I2C_SCL AFR5 Alternate function remapping option 5 0: AFR5 remapping option inactive: default alternate function(2) 1: Port B3 alternate function = TIM1_ETR, port B2 alternate function = TIM1_CH3N, port B1 alternate function = TIM1_CH2N, port B0 alternate function = TIM1_CH1N AFR4 Alternate function remapping option 4 0: AFR4 remapping option inactive: default alternate function(2) 1: Port D alternate function = TIM1_CH4 AFR3 Alternate function remapping option 3 0: AFR3 remapping option inactive: default alternate function(2) 1: Port D0 alternate function = TIM1_BKIN AFR2 Alternate function remapping option 2 0: AFR2 remapping option inactive: default alternate function(2) 1: Port D0 alternate function = CLK_CCO Note: AFR2 option has priority over AFR3 if both are activated AFR1 Alternate function remapping option 1 0: AFR1 remapping option inactive: default alternate function(2) 1: Port A3 alternate function = TIM3_CH1; port D2 alternate function TIM2_CH3 AFR0 Alternate function remapping option 0 0: AFR0 remapping option inactive: default alternate function(2) 1: Port D3 alternate function = ADC_ETR 2. Refer to the pinout description. |