| データシートサーチシステム |
|
STM8S007C8 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S007C8 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 92 page ![]() DocID022171 Rev 5 23/92 STM8S007C8 Pinouts and pin descriptions 25 13 VDDA S Analog power supply 14 VSSA S Analog ground 15 PB7/AIN7 I/O X XX O1 X X Port B7 Analog input 7 16 PB6/AIN6 I/O X XX O1 X X Port B6 Analog input 6 17 PB5/AIN5 I/O X XX O1 X X Port B5 Analog input 5 I2C_SDA [AFR6] 18 PB4/AIN4 I/O X XX O1 X X Port B4 Analog input 4 I2C_SCL [AFR6] 19 PB3/AIN3 I/O X XX O1 X X Port B3 Analog input 3 TIM1_ETR [AFR5] 20 PB2/AIN2 I/O X XX O1 X X Port B2 Analog input 2 TIM1_ CH3N [AFR5] 21 PB1/AIN1 I/O X XX O1 X X Port B1 Analog input 1 TIM1_ CH2N [AFR5] 22 PB0/AIN0 I/O X XX O1 X X Port B0 Analog input 0 TIM1_ CH1N [AFR5] 23 PE7/AIN8 I/O X XX O1 X X Port E7 Analog input 8 24 PE6/AIN9 I/O X XX O1 X X Port E6 Analog input 9 25 PE5/SPI_NSS I/O X XX O1 X X Port E5 SPI master/slave select 26 PC1/TIM1_CH1 I/O X XX HS O3 X X Port C1 Timer 1 - channel 1 27 PC2/TIM1_CH2 I/O X XX HS O3 X X Port C2 Timer 1- channel 2 28 PC3/TIM1_CH3 I/O X XX HS O3 X X Port C3 Timer 1 - channel 3 29 PC4/TIM1_CH4 I/O X XX HS O3 X X Port C4 Timer 1 - channel 4 30 PC5/SPI_SCK I/O X XX HS O3 X X Port C5 SPI clock 31 VSSIO_2 S I/O ground 32 VDDIO_2 S I/O power supply Table 5. STM8S007C8 pin description (continued) Pin name Input Output Default alternate function Alternate function after remap [option bit] |