| データシートサーチシステム |
|
STM32F042X4 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042X4 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 117 page ![]() DocID025832 Rev 5 35/117 STM32F042x4 STM32F042x6 Pinouts and pin descriptions 38 38 A2 25 25 23 - PA15 I/O FT (4) SPI1_NSS, I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT, USB_NOE - 39 B3 26 26 24 - PB3 I/O FT - SPI1_SCK, I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT - 40 A3 27 27 25 - PB4 I/O FT - SPI1_MISO, I2S1_MCK, TIM17_BKIN, TIM3_CH1, TSC_G5_IO2, EVENTOUT - 41 E6 28 28 26 - PB5 I/O FT - SPI1_MOSI, I2S1_SD, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 WKUP6 42 C4 29 29 27 - PB6 I/O FTf - I2C1_SCL, USART1_TX, TIM16_CH1N, TSC_G5_I03 - 43 A4 30 30 28 - PB7 I/O FTf - I2C1_SDA, USART1_RX, TIM17_CH1N, TSC_G5_IO4 - 44 - - 31 - - PF11-BOOT0 I/O FT - - Boot memory selection - B4 31 - 1 1 PB8-BOOT0 I/O FTf - I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC, CAN_RX Boot memory selection 45 - - 32 - - PB8 I/O FTf - I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC, CAN_RX - Table 13. STM32F042x pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions |