データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F042K4 データシート(PDF) 101 Page - STMicroelectronics

部品番号 STM32F042K4
部品情報  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042K4 データシート(HTML) 101 Page - STMicroelectronics

Back Button STM32F042K4 Datasheet HTML 97Page - STMicroelectronics STM32F042K4 Datasheet HTML 98Page - STMicroelectronics STM32F042K4 Datasheet HTML 99Page - STMicroelectronics STM32F042K4 Datasheet HTML 100Page - STMicroelectronics STM32F042K4 Datasheet HTML 101Page - STMicroelectronics STM32F042K4 Datasheet HTML 102Page - STMicroelectronics STM32F042K4 Datasheet HTML 103Page - STMicroelectronics STM32F042K4 Datasheet HTML 104Page - STMicroelectronics STM32F042K4 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
DocID025832 Rev 5
101/117
STM32F042x4 STM32F042x6
Package information
113
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 44. LQFP32 package marking example
1. Parts marked as "ES", "E" or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
Samples to run qualification activity.
7.5
UFQFPN32 package information
UFQFPN32 is a 32-pin, 5x5 mm, 0.5 mm pitch ultra-thin fine-pitch quad flat package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More