| データシートサーチシステム |
|
STM32F042K4 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042K4 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 117 page ![]() Pinouts and pin descriptions STM32F042x4 STM32F042x6 32/117 DocID025832 Rev 5 Table 13. STM32F042x pin definitions Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions 1 - - - - - VBAT S - - Backup power supply 2A6 - - - - PC13 I/O TC (1) (2) - WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT 3B6 - - - - PC14- OSC32_IN (PC14) I/O TC (1) (2) - OSC32_IN 4C6 - - - - PC15- OSC32_OUT (PC15) I/O TC (1) (2) - OSC32_OUT 5B5 2 2 2 2 PF0-OSC_IN (PF0) I/O FTf - CRS_ SYNC I2C1_SDA OSC_IN 6C5 3 3 3 3 PF1-OSC_OUT (PF1) I/O FTf - I2C1_SCL OSC_OUT 7 D5 4 4 4 4 NRST I/O RST - Device reset input / internal reset output (active low) 8 D6 32 0 16 15 VSSA S (3) Analog ground 9E5 5 5 5 5 VDDA S - Analog power supply 10 F6 6 6 6 6 PA0 I/O TTa - USART2_CTS, TIM2_CH1_ETR, TSC_G1_IO1 RTC_ TAMP2, WKUP1, ADC_IN0, 11 D4 7 7 7 7 PA1 I/O TTa - USART2_RTS, TIM2_CH2, TSC_G1_IO2, EVENTOUT ADC_IN1 12 E4 8 8 8 8 PA2 I/O TTa - USART2_TX, TIM2_CH3, TSC_G1_IO3 ADC_IN2, WKUP4 13 F5 9 9 9 9 PA3 I/O TTa - USART2_RX, TIM2_CH4, TSC_G1_IO4 ADC_IN3 |