データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F048C6 データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32F048C6
部品情報  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048C6 データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32F048C6 Datasheet HTML 40Page - STMicroelectronics STM32F048C6 Datasheet HTML 41Page - STMicroelectronics STM32F048C6 Datasheet HTML 42Page - STMicroelectronics STM32F048C6 Datasheet HTML 43Page - STMicroelectronics STM32F048C6 Datasheet HTML 44Page - STMicroelectronics STM32F048C6 Datasheet HTML 45Page - STMicroelectronics STM32F048C6 Datasheet HTML 46Page - STMicroelectronics STM32F048C6 Datasheet HTML 47Page - STMicroelectronics STM32F048C6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Electrical characteristics
STM32F048C6 STM32F048G6 STM32F048T6
44/98
DocID026007 Rev 6
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in Table 23 to Table 27 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 20: General
operating conditions
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98