データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F048T6 データシート(PDF) 57 Page - STMicroelectronics

部品番号 STM32F048T6
部品情報  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048T6 データシート(HTML) 57 Page - STMicroelectronics

Back Button STM32F048T6 Datasheet HTML 53Page - STMicroelectronics STM32F048T6 Datasheet HTML 54Page - STMicroelectronics STM32F048T6 Datasheet HTML 55Page - STMicroelectronics STM32F048T6 Datasheet HTML 56Page - STMicroelectronics STM32F048T6 Datasheet HTML 57Page - STMicroelectronics STM32F048T6 Datasheet HTML 58Page - STMicroelectronics STM32F048T6 Datasheet HTML 59Page - STMicroelectronics STM32F048T6 Datasheet HTML 60Page - STMicroelectronics STM32F048T6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
DocID026007 Rev 6
57/98
STM32F048C6 STM32F048G6 STM32F048T6
Electrical characteristics
83
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for ST microcontrollers” available from the ST website www.st.com.
Figure 14. Typical application with a 32.768 kHz crystal
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden
to add one.
6.3.7
Internal clock source characteristics
The parameters given in Table 35 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 20: General operating
conditions
. The provided curves are characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98