| データシートサーチシステム |
|
STM32F070CB データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F070CB データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 83 page ![]() DocID027114 Rev 3 35/83 STM32F070CB/RB/C6/F6 Memory mapping 35 APB 0x4000 7400 - 0x4000 7FFF 3 KB Reserved 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 6C00 - 0x4000 6FFF 1 KB Reserved 0x4000 6400 - 0x4000 67FF 2 KB Reserved 0x4000 6000 - 0x4000 63FF 1 KB USB RAM 0x4000 5800 - 0x4000 5BFF 1 KB I2C2(1) 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 5000 - 0x4000 53FF 3 KB Reserved 0x4000 4C00 - 0x4000 4FFF 1 KB USART4(1) 0x4000 4800 - 0x4000 4BFF 1 KB USART3(1) 0x4000 4400 - 0x4000 47FF 1 KB USART2 0x4000 3C00 - 0x4000 43FF 2 KB Reserved 0x4000 3800 - 0x4000 3BFF 1 KB SPI2(1) 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB Reserved 0x4000 2000 - 0x4000 23FF 1 KB TIM14 0x4000 1800 - 0x4000 1FFF 2 KB Reserved 0x4000 1400 - 0x4000 17FF 1 KB TIM7 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0800 - 0x4000 0FFF 2 KB Reserved 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB Reserved 1. Available on STM32F070CB/RB devices only. Table 16. STM32F070CB/RB/C6/F6 peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |