| データシートサーチシステム |
|
STM32F042x6 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042x6 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 117 page ![]() Pinouts and pin descriptions STM32F042x4 STM32F042x6 34/117 DocID025832 Rev 5 26 - - - - - PB13 I/O FTf - SPI2_SCK, TIM1_CH1N, I2C1_SCL - 27 - - - - - PB14 I/O FTf - SPI2_MISO, TIM1_CH2N, I2C1_SDA - 28 - - - - - PB15 I/O FT - SPI2_MOSI, TIM1_CH3N WKUP7, RTC_REFIN 29 E2 18 18 - - PA8 I/O FT (4) USART1_CK, TIM1_CH1, EVENTOUT, MCO, CRS_SYNC - 30 D1 19 19 19 17 PA9 I/O FTf (4) USART1_TX, TIM1_CH2, TSC_G4_IO1, I2C1_SCL - 31 C1 20 20 20 18 PA10 I/O FTf (4) USART1_RX, TIM1_CH3, TIM17_BKIN, TSC_G4_IO2, I2C1_SDA - 32 C2 21 21 19(5) 17(5) PA11 I/O FTf (4) CAN_RX, USART1_CTS, TIM1_CH4, TSC_G4_IO3, EVENTOUT, I2C1_SCL USB_DM 33 A1 22 22 20(5) 18(5) PA12 I/O FTf (4) CAN_TX,USART1_RTS, TIM1_ETR, TSC_G4_IO4, EVENTOUT, I2C1_SDA USB_DP 34 B1 23 23 21 19 PA13 I/O FT (4) (6) IR_OUT, SWDIO USB_NOE - 35 - - - - - VSS S - - Ground 36 E1 17 17 18 16 VDDIO2 S - - Digital power supply 37 B2 24 24 22 20 PA14 I/O FT (4) (6) USART2_TX, SWCLK - Table 13. STM32F042x pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions |