| データシートサーチシステム |
|
STM32F100XC データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100XC データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 106 page ![]() DocID15081 Rev 10 9/106 STM32F100xC, STM32F100xD, STM32F100xE Introduction 34 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F100xC, STM32F100xD and STM32F100xE value line microcontrollers. In the rest of the document, the STM32F100xC, STM32F100xD and STM32F100xE are referred to as high-density value line devices. This STM32F100xC, STM32F100xD and STM32F100xE datasheet should be read in conjunction with the STM32F100xx high-density ARM®-based 32-bit MCUs reference manual (RM0059). For information on programming, erasing and protection of the internal Flash memory please refer to the STM32F100xx high-density value line Flash programming manual (PM0072). The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex®-M3 core please refer to the Cortex®-M3 Technical Reference Manual, available from the http://infocenter.arm.com. |