データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F101XF データシート(PDF) 28 Page - STMicroelectronics

部品番号 STM32F101XF
部品情報  Single-cycle multiplication and hardware division
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XF データシート(HTML) 28 Page - STMicroelectronics

Back Button STM32F101XF Datasheet HTML 24Page - STMicroelectronics STM32F101XF Datasheet HTML 25Page - STMicroelectronics STM32F101XF Datasheet HTML 26Page - STMicroelectronics STM32F101XF Datasheet HTML 27Page - STMicroelectronics STM32F101XF Datasheet HTML 28Page - STMicroelectronics STM32F101XF Datasheet HTML 29Page - STMicroelectronics STM32F101XF Datasheet HTML 30Page - STMicroelectronics STM32F101XF Datasheet HTML 31Page - STMicroelectronics STM32F101XF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
Pinouts and pin descriptions
STM32F101xF, STM32F101xG
28/117
DocID16553 Rev 5
62
-
-
VDD_7
S-
VDD_7
--
63
-
41
PE10
I/O FT
PE10
FSMC_D7
-
64
-
42
PE11
I/O FT
PE11
FSMC_D8
-
65
-
43
PE12
I/O FT
PE12
FSMC_D9
-
66
-
44
PE13
I/O FT
PE13
FSMC_D10
-
67
-
45
PE14
I/O FT
PE14
FSMC_D11
-
68
-
46
PE15
I/O FT
PE15
FSMC_D12
-
69 29 47
PB10
I/O FT
PB10
I2C2_SCL / USART3_TX(8)
TIM2_CH3
70 30 48
PB11
I/O FT
PB11
I2C2_SDA / USART3_RX(8)
TIM2_CH4
71 31 49
VSS_1
S-
VSS_1
--
72 32 50
VDD_1
S-
VDD_1
--
73 33 51
PB12
I/O FT
PB12
SPI2_NSS(8) / I2C2_SMBA /
USART3_CK(8)
-
74 34 52
PB13
I/O FT
PB13
SPI2_SCK(8) /
USART3_CTS(8)
-
75 35 53
PB14
I/O FT
PB14
SPI2_MISO(8) /
USART3_RTS(8) /
TIM12_CH1
-
76 36 54
PB15
I/O FT
PB15
SPI2_MOSI(8) / TIM12_CH2
-
77
-
55
PD8
I/O FT
PD8
FSMC_D13
USART3_TX
78
-
56
PD9
I/O FT
PD9
FSMC_D14
USART3_RX
79
-
57
PD10
I/O FT
PD10
FSMC_D15
USART3_CK
80
-
58
PD11
I/O FT
PD11
FSMC_A16
USART3_CTS
81
-
59
PD12
I/O FT
PD12
FSMC_A17
TIM4_CH1 /
USART3_RTS
82
-
60
PD13
I/O FT
PD13
FSMC_A18
TIM4_CH2
83
-
-
VSS_8
S-
VSS_8
--
84
-
-
VDD_8
S-
VDD_8
--
85
-
61
PD14
I/O FT
PD14
FSMC_D0
TIM4_CH3
86
-
62
PD15
I/O FT
PD15
FSMC_D1
TIM4_CH4
87
-
-
PG2
I/O FT
PG2
FSMC_A12
-
Table 5. STM32F101xF/STM32F101xG pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More