| データシートサーチシステム |
|
STM32F302x8 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302x8 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 138 page ![]() Memory mapping STM32F302x6 STM32F302x8 50/138 DocID025147 Rev 6 Table 18. STM32F302x6 STM32F302x8 peripheral register boundary addresses (1) Bus Boundary address Size (bytes) Peripheral AHB3 0x5000 0000 - 0x5000 03FF 1 K ADC1 0x4800 1800 - 0x4FFF FFFF ~132 M Reserved AHB2 0x4800 1400 - 0x4800 17FF 1 K GPIOF 0x4800 1000 - 0x4800 13FF 1 K Reserved 0x4800 0C00 - 0x4800 0FFF 1 K GPIOD 0x4800 0800 - 0x4800 0BFF 1 K GPIOC 0x4800 0400 - 0x4800 07FF 1 K GPIOB 0x4800 0000 - 0x4800 03FF 1 K GPIOA 0x4002 4400 - 0x47FF FFFF ~128 M Reserved AHB1 0x4002 4000 - 0x4002 43FF 1 K TSC 0x4002 3400 - 0x4002 3FFF 3 K Reserved 0x4002 3000 - 0x4002 33FF 1 K CRC 0x4002 2400 - 0x4002 2FFF 3 K Reserved 0x4002 2000 - 0x4002 23FF 1 K Flash interface 0x4002 1400 - 0x4002 1FFF 3 K Reserved 0x4002 1000 - 0x4002 13FF 1 K RCC 0x4002 0800 - 0x4002 0FFF 2 K Reserved 0x4002 0400 - 0x4002 07FF 1 K Reserved 0x4002 0000 - 0x4002 03FF 1 K DMA1 0x4001 8000 - 0x4001 FFFF 32 K Reserved APB2 0x4001 4C00 - 0x4001 7FFF 13 K Reserved 0x4001 4800 - 0x4001 4BFF 1 K TIM17 0x4001 4400 - 0x4001 47FF 1 K TIM16 0x4001 4000 - 0x4001 43FF 1 K TIM15 0x4001 3C00 - 0x4001 3FFF 1 K Reserved 0x4001 3800 - 0x4001 3BFF 1 K USART1 0x4001 3400 - 0x4001 37FF 1 K Reserved 0x4001 3000 - 0x4001 33FF 1 K Reserved 0x4001 0800 - 0x4001 2FFF 10 K TIM1 0x4001 0400 - 0x4001 07FF 1 K EXTI 0x4001 0000 - 0x4001 03FF 1 K SYSCFG + COMP + OPAMP 0x4000 7C00 - 0x4000 FFFF 33 K Reserved |