| データシートサーチシステム |
|
STM32F302C8 データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302C8 データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 138 page ![]() --- 51 PC10 I/O FT - EVENTOUT, SPI3_SCK/I2S3_CK, USART3_TX - --- 52 PC11 I/O FT - EVENTOUT, SPI3_MISO/I2S3ext_SD, USART3_RX - --- 53 PC12 I/O FT - EVENTOUT, SPI3_MOSI/I2S3_SD, USART3_CK - - - - 54 PD2 I/O FT - EVENTOUT - 26 A3 39 55 PB3 I/O FT - JTDO-TRACESWO, TIM2_CH2, TSC_G5_IO1, SPI3_SCK/I2S3_CK, USART2_TX, EVENTOUT - 27 A4 40 56 PB4 I/O FT - JTRST, TIM16_CH1, TSC_G5_IO2, SPI3_MISO/I2S3ext_SD, USART2_RX, TIM17_BKIN, EVENTOUT - 28 B4 41 57 PB5 I/O FT - TIM16_BKIN, I2C1_SMBAl, SPI3_MOSI/I2S3_SD, USART2_CK, I2C3_SDA, TIM17_CH1, EVENTOUT - 29 C4 42 58 PB6 I/O FTf - TIM16_CH1N, TSC_G5_IO3, I2C1_SCL, USART1_TX, EVENTOUT - 30 D4 43 59 PB7 I/O FTf - TIM17_CH1N, TSC_G5_IO4, I2C1_SDA, USART1_RX, EVENTOUT - Table 12. STM32F302x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |