| データシートサーチシステム |
|
STM32F303C8 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303C8 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 115 page ![]() Functional overview STM32F303x6/x8 30/115 DocID025083 Rev 5 3.19 Development support 3.19.1 Serial wire JTAG debug port (SWJ-DP) The ARM SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug port that enables either a serial wire debug or a JTAG probe to be connected to the target. The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. 4 TSC_G4_IO1 PA9 TSC_G4_IO2 PA10 TSC_G4_IO3 PA13 TSC_G4_IO4 PA14 5 TSC_G5_IO1 PB3 TSC_G5_IO2 PB4 TSC_G5_IO3 PB6 TSC_G5_IO4 PB7 6 TSC_G6_IO1 PB11 TSC_G6_IO2 PB12 TSC_G6_IO3 PB13 TSC_G6_IO4 PB14 Table 12. No. of capacitive sensing channels available on STM32F303x6/8 devices Analog I/O group Number of capacitive sensing channels STM32F303xRx STM32F303xCx STM32F303xKx G1 3 3 3 G2 3 3 3 G3 3 2 2 G4 3 3 3 G5 3 3 3 G6 3 3 0 Number of capacitive sensing channels 18 17 14 Table 11. Capacitive sensing GPIO available (continued) Group Capacitive sensing group name Pin name |