データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F303R8 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32F303R8
部品情報  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303R8 データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32F303R8 Datasheet HTML 35Page - STMicroelectronics STM32F303R8 Datasheet HTML 36Page - STMicroelectronics STM32F303R8 Datasheet HTML 37Page - STMicroelectronics STM32F303R8 Datasheet HTML 38Page - STMicroelectronics STM32F303R8 Datasheet HTML 39Page - STMicroelectronics STM32F303R8 Datasheet HTML 40Page - STMicroelectronics STM32F303R8 Datasheet HTML 41Page - STMicroelectronics STM32F303R8 Datasheet HTML 42Page - STMicroelectronics STM32F303R8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
Table 15. Alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM2/TIM15/
TIM16/TIM17/
EVENT
TIM1/TIM3/
TIM15/
TIM16
TSC
I2C1/TIM1
SPI1/Infrared
TIM1/Infrared
USART1/USA
RT2/USART3/
GPCOMP6
GPCOMP2/
GPCOMP4/
GPCOMP6
CAN/TIM1/
TIM15
TIM2/TIM3
/TIM17
TIM1
TIM1
OPAMP2
-EVENT
Port A
PA0
-
TIM2_CH1/TI
M2_ETR
-
TSC_G1_IO1
-
-
-
USART2_CTS
-
-
-
-
-
-
-
EVENTOUT
PA1
-
TIM2_CH2
-
TSC_G1_IO2
-
-
-
USART2_RTS
_DE
-
TIM15_CH1N
-
-
-
-
-
EVENTOUT
PA2
-
TIM2_CH3
-
TSC_G1_IO3
-
-
-
USART2_TX
COMP2_OUT
TIM15_CH1
-
-
-
-
-
EVENTOUT
PA3
-
TIM2_CH4
-
TSC_G1_IO4
-
-
-
USART2_RX
-
TIM15_CH2
-
-
-
-
-
EVENTOUT
PA4
-
-
TIM3_CH2
TSC_G2_IO1
-
SPI1_NSS
-
USART2_CK
-
-
-
-
-
-
-
EVENTOUT
PA5
-
TIM2_CH1/TI
M2_ETR
-
TSC_G2_IO2
-
SPI1_SCK
-
-
-
-
-
-
-
-
-
EVENTOUT
PA6
-
TIM16_CH1
TIM3_CH1
TSC_G2_IO3
-
SPI1_MISO
TIM1_BKIN
-
-
-
-
-
-
-
-
EVENTOUT
PA7
-
TIM17_CH1
TIM3_CH2
TSC_G2_IO4
-
SPI1_MOSI
TIM1_CH1N
-
-
-
-
-
-
-
-
EVENTOUT
PA8
MCO
-
-
-
-
-
TIM1_CH1
USART1_CK
-
-
-
-
-
v
EVENTOUT
PA9
-
-
-
TSC_G4_IO1
-
-
TIM1_CH2
USART1_TX
-
TIM15_BKIN
TIM2_CH3
-
-
-
EVENTOUT
PA10
-
TIM17_BKIN
-
TSC_G4_IO2
-
-
TIM1_CH3
USART1_RX
COMP6_OUT
-
TIM2_CH4
-
-
-
EVENTOUT
PA11
-
-
-
-
-
-
TIM1_CH1N
USART1_CTS
-
CAN_RX
-
TIM1_CH4
TIM1_BKIN2
-
EVENTOUT
PA12
-
TIM16_CH1
-
-
-
-
TIM1_CH2N
USART1_RTS
_DE
COMP2_OUT
CAN_TX
-
TIM1_ETR
-
-
EVENTOUT
PA13
JTMS/SWDAT
TIM16_CH1N
-
TSC_G4_IO3
-
IR_OUT
-
USART3_CTS
-
-
-
-
-
-
-
EVENTOUT
PA14
JTCK/SWCLK
-
-
TSC_G4_IO4
I2C1_SDA
-
TIM1_BKIN
USART2_TX
-
-
-
-
-
-
-
EVENTOUT
PA15
JTDI
TIM2_CH1/
TIM2_ETR
-
TSC_SYNC
I2C1_SCL
SPI1_NSS
-
USART2_RX
-
TIM1_BKIN
-
-
-
-
EVENTOUT
Port B
PB0
-
-
TIM3_CH3
TSC_G3_IO2
-
-
TIM1_CH2N
-
-
-
-
-
-
-
-
EVENTOUT
PB1
-
-
TIM3_CH4
TSC_G3_IO3
-
-
TIM1_CH3N
-
COMP4_OUT
-
-
-
-
-
EVENTOUT
PB2
-
-
-
TSC_G3_IO4
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PB3
JTDO/TRACE
SWO
TIM2_CH2
-
TSC_G5_IO1
-
SPI1_SCK
-
USART2_TX
-
-
TIM3_ETR
-
-
EVENTOUT
PB4
NJTRST
TIM16_CH1
TIM3_CH1
TSC_G5_IO2
-
SPI1_MISO
-
USART2_RX
-
-
TIM17_BK
IN
--
-
EVENTOUT
PB5
-
TIM16_BKIN
TIM3_CH2
-
I2C1_SMBA
SPI1_MOSI
-
USART2_CK
-
-
TIM17_CH
1
--
-
EVENTOUT
PB6
-
TIM16_CH1N
-
TSC_G5_IO3
I2C1_SCL
-
-
USART1_TX
-
-
-
-
-
EVENTOUT
PB7
-
TIM17_CH1N
-
TSC_G5_IO4
I2C1_SDA
-
-
USART1_RX
-
-
TIM3_CH4
-
-
-
EVENTOUT
PB8
-
TIM16_CH1
-
TSC_SYNC
I2C1_SCL
-
-
USART3_RX
-
CAN_RX
-
-
TIM1_BKIN
-
EVENTOUT
PB9
-
TIM17_CH1
-
-
I2C1_SDA
-
IR_OUT
USART3_TX
COMP2_OUT
CAN_TX
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More