| データシートサーチシステム |
|
STM32F401CD データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CD データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 135 page ![]() DocID025644 Rev 3 41/135 STM32F401xD STM32F401xE Pinouts and pin description 54 - - - 45 M11 PE14 I/O FT - SPI4_MOSI, TIM1_CH4, EVENTOUT - - - - 46 M12 PE15 I/O FT - TIM1_BKIN, EVENTOUT - 21 E3 29 47 L10 PB10 I/O FT - SPI2_SCK/I2S2_CK, I2C2_SCL, TIM2_CH3, EVENTOUT - - - - - K9 PB11 I/O FT - EVENTOUT - 22 G2 30 48 L11 VCAP1 S - - - - 23 D3 31 49 F12 VSS S - - - - 24 F2 32 50 G12 VDD S - - - - 25 E2 33 51 L12 PB12 I/O FT - SPI2_NSS/I2S2_WS, I2C2_SMBA, TIM1_BKIN, EVENTOUT - 26 G1 34 52 K12 PB13 I/O FT - SPI2_SCK/I2S2_CK, TIM1_CH1N, EVENTOUT - 27 F1 35 53 K11 PB14 I/O FT - SPI2_MISO, I2S2ext_SD, TIM1_CH2N, EVENTOUT - 28 E1 36 54 K10 PB15 I/O FT - SPI2_MOSI/I2S2_SD, TIM1_CH3N, EVENTOUT RTC_REFIN - - - 55 - PD8 I/O FT - EVENTOUT - - - - 56 K8 PD9 I/O FT - EVENTOUT - - - - 57 J12 PD10 I/O FT - EVENTOUT - - - - 58 J11 PD11 I/O FT - EVENTOUT - - - - 59 J10 PD12 I/O FT - TIM4_CH1, EVENTOUT - - - - 60 H12 PD13 I/O FT - TIM4_CH2, EVENTOUT - - - - 61 H11 PD14 I/O FT - TIM4_CH3, EVENTOUT - - - - 62 H10 PD15 I/O FT - TIM4_CH4, EVENTOUT - - - 37 63 E12 PC6 I/O FT - I2S2_MCK, USART6_TX, TIM3_CH1, SDIO_D6, EVENTOUT - - - 38 64 E11 PC7 I/O FT - I2S3_MCK, USART6_RX, TIM3_CH2, SDIO_D7, EVENTOUT - Table 8. STM32F401xD/xE pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |