| データシートサーチシステム |
|
STM32F401xE データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401xE データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 135 page ![]() DocID025644 Rev 3 43/135 STM32F401xD STM32F401xE Pinouts and pin description 54 - - - 82 B9 PD1 I/O FT - EVENTOUT - - - 54 83 C8 PD2 I/O FT - TIM3_ETR, SDIO_CMD, EVENTOUT - - - - 84 B8 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, EVENTOUT - - - - 85 B7 PD4 I/O FT - USART2_RTS, EVENTOUT - - - - 86 A6 PD5 I/O FT - USART2_TX, EVENTOUT - - - - 87 B6 PD6 I/O FT - SPI3_MOSI/I2S3_SD, USART2_RX, EVENTOUT - - - - 88 A5 PD7 I/O FT - USART2_CK, EVENTOUT - 39 A3 55 89 A8 PB3 (JTDO-SWO) I/O FT - JTDO-SWO, SPI1_SCK, SPI3_SCK/I2S3_CK, I2C2_SDA, TIM2_CH2, EVENTOUT - 40 A4 56 90 A7 PB4 (NJTRST) I/O FT - NJTRST, SPI1_MISO, SPI3_MISO, I2S3ext_SD, I2C3_SDA, TIM3_CH1, EVENTOUT - 41 B4 57 91 C5 PB5 I/O FT - SPI1_MOSI, SPI3_MOSI/I2S3_SD, I2C1_SMBA, TIM3_CH2, EVENTOUT - 42 C4 58 92 B5 PB6 I/O FT - I2C1_SCL, USART1_TX, TIM4_CH1, EVENTOUT - 43 D4 59 93 B4 PB7 I/O FT - I2C1_SDA, USART1_RX, TIM4_CH2, EVENTOUT - 44 A5 60 94 A4 BOOT0 I B - - VPP 45 B5 61 95 A3 PB8 I/O FT - I2C1_SCL, TIM4_CH3, TIM10_CH1, SDIO_D4, EVENTOUT - 46 C5 62 96 B3 PB9 I/O FT - SPI2_NSS/I2S2_WS, I2C1_SDA, TIM4_CH4, TIM11_CH1, SDIO_D5, EVENTOUT - - - - 97 C3 PE0 I/O FT - TIM4_ETR, EVENTOUT - - - - 98 A2 PE1 I/O FT - EVENTOUT - Table 8. STM32F401xD/xE pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |