| データシートサーチシステム |
|
01CDU6 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
01CDU6 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 135 page ![]() Pinouts and pin description STM32F401xD STM32F401xE 40/135 DocID025644 Rev 3 13 E4 17 26 L3 PA3 I/O FT - USART2_RX, TIM2_CH4, TIM5_CH4, TIM9_CH2, EVENTOUT ADC1_IN3 - - 18 27 - VSS S - - - - - - 19 28 - VDD S - - - - -- - - E3 BYPASS_ REG IFT - - - 14 G6 20 29 M3 PA4 I/O FT - SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, EVENTOUT ADC1_IN4 15 F5 21 30 K4 PA5 I/O FT - SPI1_SCK, TIM2_CH1/TIM2_ETR, EVENTOUT ADC1_IN5 16 F4 22 31 L4 PA6 I/O FT - SPI1_MISO, TIM1_BKIN, TIM3_CH1, EVENTOUT ADC1_IN6 17 F3 23 32 M4 PA7 I/O FT - SPI1_MOSI, TIM1_CH1N, TIM3_CH2, EVENTOUT ADC1_IN7 - - 24 33 K5 PC4 I/O FT - EVENTOUT ADC1_IN14 - - 25 34 L5 PC5 I/O FT - EVENTOUT ADC1_IN15 18 G5 26 35 M5 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, EVENTOUT ADC1_IN8 19 G4 27 36 M6 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, EVENTOUT ADC1_IN9 20 G3 28 37 L6 PB2 I/O FT - EVENTOUT BOOT1 - - - 38 M7 PE7 I/O FT - TIM1_ETR, EVENTOUT - - - - 39 L7 PE8 I/O FT - TIM1_CH1N, EVENTOUT - - - - 40 M8 PE9 I/O FT - TIM1_CH1, EVENTOUT - - - - 41 L8 PE10 I/O FT - TIM1_CH2N, EVENTOUT - - - - 42 M9 PE11 I/O FT - SPI4_NSS, TIM1_CH2, EVENTOUT - - - - 43 L9 PE12 I/O FT - SPI4_SCK, TIM1_CH3N, EVENTOUT - - - - 44 M10 PE13 I/O FT - SPI4_MISO, TIM1_CH3, EVENTOUT - Table 8. STM32F401xD/xE pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |