データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F410C8 データシート(PDF) 25 Page - STMicroelectronics

部品番号 STM32F410C8
部品情報  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410C8 データシート(HTML) 25 Page - STMicroelectronics

Back Button STM32F410C8 Datasheet HTML 21Page - STMicroelectronics STM32F410C8 Datasheet HTML 22Page - STMicroelectronics STM32F410C8 Datasheet HTML 23Page - STMicroelectronics STM32F410C8 Datasheet HTML 24Page - STMicroelectronics STM32F410C8 Datasheet HTML 25Page - STMicroelectronics STM32F410C8 Datasheet HTML 26Page - STMicroelectronics STM32F410C8 Datasheet HTML 27Page - STMicroelectronics STM32F410C8 Datasheet HTML 28Page - STMicroelectronics STM32F410C8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
DocID028094 Rev 5
25/142
STM32F410x8/B
Functional overview
31
Table 5. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complemen-
tary output
Max.
interface
clock
(MHz)
Max.
timer
clock
(MHz)
Advanced
-control
TIM1
16-bit
Up,
Down,
Up/down
Any
integer
between
1 and
65536
Yes
4
Yes
100
100
General
purpose
TIM5
32-bit
Up,
Down,
Up/down
Any
integer
between
1 and
65536
Yes
4
No
50
100
TIM9
16-bit
Up
Any
integer
between
1 and
65536
No
2
No
100
100
TIM11
16-bit
Up
Any
integer
between
1 and
65536
No
1
No
100
100
Basic
TIM6
16-bit
Up
Any
integer
between
1 and
65536
Yes
0
No
50
100
Low-
power
LPTIM1
16-bit
Up
Between
1 and 128
No
2
No
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More