データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F410CB データシート(PDF) 112 Page - STMicroelectronics

部品番号 STM32F410CB
部品情報  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB データシート(HTML) 112 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 108Page - STMicroelectronics STM32F410CB Datasheet HTML 109Page - STMicroelectronics STM32F410CB Datasheet HTML 110Page - STMicroelectronics STM32F410CB Datasheet HTML 111Page - STMicroelectronics STM32F410CB Datasheet HTML 112Page - STMicroelectronics STM32F410CB Datasheet HTML 113Page - STMicroelectronics STM32F410CB Datasheet HTML 114Page - STMicroelectronics STM32F410CB Datasheet HTML 115Page - STMicroelectronics STM32F410CB Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 142 page
background image
Electrical characteristics
STM32F410x8/B
112/142
DocID028094 Rev 5
Note:
ADC accuracy vs. negative injection current: injecting a negative current on any analog
input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative currents.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in
Section 6.3.16 does not affect the ADC accuracy.
Figure 37. ADC accuracy characteristics
1. See also Table 68.
2. Example of an actual transfer curve.
3. Ideal transfer curve.
4. End point correlation line.
5. ET = Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves.
EO = Offset Error: deviation between the first actual transition and the first ideal one.
EG = Gain Error: deviation between the last ideal transition and the last actual one.
ED = Differential Linearity Error: maximum deviation between actual steps and the ideal one.
EL = Integral Linearity Error: maximum deviation between any actual transition and the end point
correlation line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More