| データシートサーチシステム |
|
STM32F410CB データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410CB データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 142 page ![]() DocID028094 Rev 5 25/142 STM32F410x8/B Functional overview 31 Table 5. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complemen- tary output Max. interface clock (MHz) Max. timer clock (MHz) Advanced -control TIM1 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 Yes 100 100 General purpose TIM5 32-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 50 100 TIM9 16-bit Up Any integer between 1 and 65536 No 2 No 100 100 TIM11 16-bit Up Any integer between 1 and 65536 No 1 No 100 100 Basic TIM6 16-bit Up Any integer between 1 and 65536 Yes 0 No 50 100 Low- power LPTIM1 16-bit Up Between 1 and 128 No 2 No 50 100 |