| データシートサーチシステム |
|
STM32L15XCC データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15XCC データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 136 page ![]() DocID022799 Rev 12 97/136 STM32L151xC STM32L152xC Electrical characteristics 109 ODD bit value, digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max of (I2SDIV+ODD)/(2*I2SDIV+ODD). Fs max is supported for each mode/condition. Figure 26. I2S slave timing diagram (Philips protocol)(1) 1. Measurement points are done at CMOS levels: 0.3 × VDD and 0.7 × VDD. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. Figure 27. I2S master timing diagram (Philips protocol)(1) 1. Guaranteed by characterization results. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. |