| データシートサーチシステム |
|
STM32F765BI データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765BI データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 255 page ![]() STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 2/255 DocID029041 Rev 4 • Up to 28 communication interfaces – Up to 4 I2C interfaces (SMBus/PMBus) – Up to 4 USARTs/4 UARTs (12.5 Mbit/s, ISO7816 interface, LIN, IrDA, modem control) – Up to 6 SPIs (up to 54 Mbit/s), 3 with muxed simplex I2S for audio – 2 x SAIs (serial audio interface) – 3 × CANs (2.0B Active) and 2x SDMMCs – SPDIFRX interface – HDMI-CEC – MDIO slave interface • Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and ULPI – 10/100 Ethernet MAC with dedicated DMA: supports IEEE 1588v2 hardware, MII/RMII • 8- to 14-bit camera interface up to 54 Mbyte/s • True random number generator • CRC calculation unit • RTC: subsecond accuracy, hardware calendar • 96-bit unique ID Table 1. Device summary Reference Part number STM32F765xx STM32F765BI, STM32F765BG, STM32F765NI, STM32F765NG,STM32F765II, STM32F765IG, STM32F765ZI, STM32F765ZG, STM32F765VI, STM32F765VG STM32F767xx STM32F767BG, STM32F767BI, STM32F767IG, STM32F767II, STM32F767NG, STM32F767NI, STM32F767VG, STM32F767VI, STM32F767ZG, STM32F767ZI STM32F768Ax STM32F768AI STM32F769xx STM32F769AG, STM32F769AI, STM32F769BG, STM32F769BI, STM32F769IG, STM32F769II, STM32F769NG, STM32F769NI |