データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F765ZI データシート(PDF) 97 Page - STMicroelectronics

部品番号 STM32F765ZI
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F765ZI データシート(HTML) 97 Page - STMicroelectronics

Back Button STM32F765ZI Datasheet HTML 93Page - STMicroelectronics STM32F765ZI Datasheet HTML 94Page - STMicroelectronics STM32F765ZI Datasheet HTML 95Page - STMicroelectronics STM32F765ZI Datasheet HTML 96Page - STMicroelectronics STM32F765ZI Datasheet HTML 97Page - STMicroelectronics STM32F765ZI Datasheet HTML 98Page - STMicroelectronics STM32F765ZI Datasheet HTML 99Page - STMicroelectronics STM32F765ZI Datasheet HTML 100Page - STMicroelectronics STM32F765ZI Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 255 page
background image
Port D
PD8
-
-
-
DFSDM1_
CKIN3
--
-
USART3
_TX
SPDIF_R
X1
--
-
FMC_D1
3
--
EVEN
TOUT
PD9
-
-
-
DFSDM1_
DATAIN3
--
-
USART3
_RX
--
-
-
FMC_D1
4
--
EVEN
TOUT
PD10
-
-
-
DFSDM1_
CKOUT
--
-
USART3
_CK
--
-
-
FMC_D1
5
-
LCD_B3
EVEN
TOUT
PD11
-
-
-
-
I2C4_SM
BA
--
USART3
_CTS
-
QUADSP
I_BK1_IO
0
SAI2_SD_
A
-
FMC_A1
6/FMC_
CLE
--
EVEN
TOUT
PD12
-
-
TIM4_C
H1
LPTIM1_I
N1
I2C4_SC
L
--
USART3
_RTS
-
QUADSP
I_BK1_IO
1
SAI2_FS_
A
-
FMC_A1
7/FMC_
ALE
--
EVEN
TOUT
PD13
-
-
TIM4_C
H2
LPTIM1_
OUT
I2C4_SD
A
--
-
-
QUADSP
I_BK1_IO
3
SAI2_SC
K_A
-
FMC_A1
8
--
EVEN
TOUT
PD14
-
-
TIM4_C
H3
--
-
-
-
UART8_
CTS
-
-
-
FMC_D0
-
-
EVEN
TOUT
PD15
-
-
TIM4_C
H4
--
-
-
-
UART8_
RTS
-
-
-
FMC_D1
-
-
EVEN
TOUT
Port E
PE0
-
-
TIM4_ET
R
LPTIM1_E
TR
--
-
-
UART8_
Rx
-
SAI2_MC
K_A
-
FMC_NB
L0
DCMI_D
2
-
EVEN
TOUT
PE1
-
-
-
LPTIM1_I
N2
--
-
-
UART8_T
x
--
-
FMC_NB
L1
DCMI_D
3
-
EVEN
TOUT
PE2
TRACEC
LK
--
-
-
SPI4_SC
K
SAI1_M
CLK_A
--
QUADSP
I_BK1_IO
2
-
ETH_MII_
TXD3
FMC_A2
3
--
EVEN
TOUT
PE3
TRACED
0
--
-
-
-
SAI1_SD
_B
---
-
-
FMC_A1
9
--
EVEN
TOUT
Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More