| データシートサーチシステム |
|
STM32L162XE データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162XE データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 129 page ![]() DocID025882 Rev 6 39/129 STM32L162xE Pin descriptions 52 73 51 33 J4 PB12 I/O FT PB12 TIM10_CH1/I2C2_SMBA/ SPI2_NSS/I2S2_WS/ USART3_CK/ LCD_SEG12 ADC_IN18/ COMP1_INP 74 52 34 J3 PB13 I/O FT PB13 TIM9_CH1/SPI2_SCK/ I2S2_CK/ USART3_CTS/ LCD_SEG13 ADC_IN19/ COMP1_INP 75 53 35 L1 PB14 I/O FT PB14 TIM9_CH2/SPI2_MISO/US ART3_RTS/ LCD_SEG14 ADC_IN20/ COMP1_INP 76 54 36 K2 PB15 I/O FT PB15 TIM11_CH1/SPI2_MOSI/ I2S2_SD/ LCD_SEG15 ADC_IN21/ COMP1_INP/ RTC_REFIN 77 55 - H4 PD8 I/O FT PD8 USART3_TX/LCD_SEG28 - 78 56 - J2 PD9 I/O FT PD9 USART3_RX/LCD_SEG29 - 79 57 - K1 PD10 I/O FT PD10 USART3_CK/LCD_SEG30 - 80 58 - G4 PD11 I/O FT PD11 USART3_CTS/ LCD_SEG31 - 81 59 - H3 PD12 I/O FT PD12 TIM4_CH1/USART3_RTS/ LCD_SEG32 - 82 60 - H2 PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33 - 83 - - - VSS_8 S- VSS_8 -- 84 - - - VDD_8 S- VDD_8 -- 85 61 - J1 PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34 - 86 62 - G3 PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35 - 87 - - - PG2 I/O FT PG2 - ADC_IN10b 88 - - - PG3 I/O FT PG3 - ADC_IN11b 89 - - - PG4 I/O FT PG4 - ADC_IN12b 90 - - - PG5 I/O FT PG5 - - 91 - - - PG6 I/O FT PG6 - - 92 - - - PG7 I/O FT PG7 - - Table 8. STM32L162xE pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |