| データシートサーチシステム |
|
STM32F767II データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767II データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 255 page ![]() DocID029041 Rev 4 71/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 - - - - 60 L6 - - 60 L6 VSS S - - - - 34 46 R5 56 61 R5 P10 56 61 R5 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, DFSDM1_CKOUT, UART4_CTS, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, LCD_G1, EVENTOUT ADC1_IN8, ADC2_IN8 35 47 R4 57 62 R4 J8 57 62 R4 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, DFSDM1_DATIN1, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, LCD_G0, EVENTOUT ADC1_IN9, ADC2_IN9 36 48 M6 58 63 M5 J7 58 63 M5 PB2 I/O FT - SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, DFSDM1_CKIN1, EVENTOUT - - - - - 64 G4 NC - 64 G4 PI15 I/O FT - LCD_G2, LCD_R0, EVENTOUT - - - - - 65 R6 NC - 65 R6 PJ0 I/O FT - LCD_R7, LCD_R1, EVENTOUT - - - - - 66 R7 NC - 66 R7 PJ1 I/O FT - LCD_R2, EVENTOUT - - - - - 67 P7 NC - 67 P7 PJ2 I/O FT - DSI_TE, LCD_R3, EVENTOUT - - - - - 68 N8 NC - 68 N8 PJ3 I/O FT - LCD_R4, EVENTOUT - - - - - 69 M9 NC - 69 M9 PJ4 I/O FT - LCD_R5, EVENTOUT - - 49 R6 59 70 P8 N9 59 70 P8 PF11 I/O FT - SPI5_MOSI, SAI2_SD_B, FMC_SDNRAS, DCMI_D12, EVENTOUT - - 50 P6 60 71 M6 K7 60 71 M6 PF12 I/O FT - FMC_A6, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |