データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F767II データシート(PDF) 107 Page - STMicroelectronics

部品番号 STM32F767II
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767II データシート(HTML) 107 Page - STMicroelectronics

Back Button STM32F767II Datasheet HTML 103Page - STMicroelectronics STM32F767II Datasheet HTML 104Page - STMicroelectronics STM32F767II Datasheet HTML 105Page - STMicroelectronics STM32F767II Datasheet HTML 106Page - STMicroelectronics STM32F767II Datasheet HTML 107Page - STMicroelectronics STM32F767II Datasheet HTML 108Page - STMicroelectronics STM32F767II Datasheet HTML 109Page - STMicroelectronics STM32F767II Datasheet HTML 110Page - STMicroelectronics STM32F767II Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 255 page
background image
DocID029041 Rev 4
107/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Memory mapping
110
Table 13. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx register
boundary addresses(1)
Bus
Boundary address
Peripheral
0xE00F FFFF - 0xFFFF FFFF
Reserved
Cortex-M7
0xE000 0000 - 0xE00F FFFF
Cortex-M7 internal peripherals
AHB3
0xD000 0000 - 0xDFFF FFFF
FMC bank 6
0xC000 0000 - 0xCFFF FFFF
FMC bank 5
0xA000 2000 - 0xBFFF FFFF
Reserved
0xA000 1000 - 0xA000 1FFF
Quad-SPI control register
0xA000 0000- 0xA000 0FFF
FMC control register
0x9000 0000 - 0x9FFF FFFF
Quad-SPI
0x8000 0000 - 0x8FFF FFFF
FMC bank 3
0x7000 0000 - 0x7FFF FFFF
FMC bank 2
0x6000 0000 - 0x6FFF FFFF
FMC bank 1
0x5006 0C00- 0x5FFF FFFF
Reserved
AHB2
0x5006 0800 - 0x5006 0BFF
RNG
0x5005 2000 - 0x5005 FFFF
Reserved
0x5005 1000 - 0x5005 1FFF
JPEG codec
0x5005 0000 - 0x5005 03FF
DCMI
0x5004 0000- 0x5004 FFFF
Reserved
0x5000 0000 - 0x5003 FFFF
USB OTG FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More