| データシートサーチシステム |
|
STM32F767ZG データシート(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767ZG データシート(HTML) 109 Page - STMicroelectronics |
|
109 / 255 page ![]() DocID029041 Rev 4 109/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Memory mapping 110 0x4001 7C00 - 0x4001 FFFF Reserved APB2 0x4001 7800 - 0x4001 7BFF MDIOS 0x4001 7400 - 0x4001 77FF DFSDM1 0x4001 6C00 - 0x4001 73FF DSI Host 0x4001 6800 - 0x4001 6BFF LCD-TFT 0x4001 6000 - 0x4001 67FF Reserved 0x4001 5C00 - 0x4001 5FFF SAI2 0x4001 5800 - 0x4001 5BFF SAI1 0x4001 5400 - 0x4001 57FF SPI6 0x4001 5000 - 0x4001 53FF SPI5 0x4001 4C00 - 0x4001 4FFF Reserved 0x4001 4800 - 0x4001 4BFF TIM11 0x4001 4400 - 0x4001 47FF TIM10 0x4001 4000 - 0x4001 43FF TIM9 0x4001 3C00 - 0x4001 3FFF EXTI 0x4001 3800 - 0x4001 3BFF SYSCFG 0x4001 3400 - 0x4001 37FF SPI4 0x4001 3000 - 0x4001 33FF SPI1/I2S1 0x4001 2C00 - 0x4001 2FFF SDMMC1 0x4001 2400 - 0x4001 2BFF Reserved 0x4001 2000 - 0x4001 23FF ADC1 - ADC2 - ADC3 0x4001 1C00 - 0x4001 1FFF SDMMC2 0x4001 1800 - 0x4001 1BFF Reserved 0x4001 1400 - 0x4001 17FF USART6 0x4001 1000 - 0x4001 13FF USART1 0x4001 0800 - 0x4001 0FFF Reserved 0x4001 0400 - 0x4001 07FF TIM8 0x4001 0000 - 0x4001 03FF TIM1 Table 13. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx register boundary addresses(1) (continued) Bus Boundary address Peripheral |