データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F767ZG データシート(PDF) 22 Page - STMicroelectronics

部品番号 STM32F767ZG
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767ZG データシート(HTML) 22 Page - STMicroelectronics

Back Button STM32F767ZG Datasheet HTML 18Page - STMicroelectronics STM32F767ZG Datasheet HTML 19Page - STMicroelectronics STM32F767ZG Datasheet HTML 20Page - STMicroelectronics STM32F767ZG Datasheet HTML 21Page - STMicroelectronics STM32F767ZG Datasheet HTML 22Page - STMicroelectronics STM32F767ZG Datasheet HTML 23Page - STMicroelectronics STM32F767ZG Datasheet HTML 24Page - STMicroelectronics STM32F767ZG Datasheet HTML 25Page - STMicroelectronics STM32F767ZG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 255 page
background image
Functional overview
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
22/255
DocID029041 Rev 4
2.6
AXI-AHB bus matrix
The STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx system architecture
is based on 2 sub-systems:
•
An AXI to multi AHB bridge converting AXI4 protocol to AHB-Lite protocol:
–
3x AXI to 32-bit AHB bridges connected to AHB bus matrix
–
1x AXI to 64-bit AHB bridge connected to the embedded Flash memory
•
A multi-AHB Bus-Matrix
–
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs,
Ethernet, USB HS, LCD-TFT, and DMA2D) and the slaves (Flash memory, RAM,
FMC, Quad-SPI, AHB and APB peripherals) and ensures a seamless and efficient
operation even when several high-speed peripherals work simultaneously.
Figure 3. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx AXI-AHB
bus matrix architecture(1)
1. The above figure has large wires for 64-bits bus and thin wires for 32-bits bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More