| データシートサーチシステム |
|
STM32L443VC データシート(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VC データシート(HTML) 80 Page - STMicroelectronics |
|
80 / 207 page ![]() Memory mapping STM32L443CC STM32L443RC STM32L443VC 80/207 DocID028739 Rev 2 APB1 0x4000 2400 - 0x4000 27FF 1 KB LCD 0x4000 1800 - 0x4000 23FF 3 KB Reserved 0x4000 1400 - 0x4000 17FF 1 KB TIM7 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0400- 0x4000 0FFF 3 KB Reserved 0x4000 0000 - 0x4000 03FF 1 KB TIM2 1. The gray color is used for reserved boundary addresses. Table 16. STM32L443xx memory map and peripheral register boundary addresses Bus Boundary address Size(bytes) Peripheral |