| データシートサーチシステム |
|
STM32L443VC データシート(PDF) 199 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VC データシート(HTML) 199 Page - STMicroelectronics |
|
199 / 207 page ![]() DocID028739 Rev 2 199/207 STM32L443CC STM32L443RC STM32L443VC Package information 204 7.8 UFQFPN48 package information Figure 62. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |