データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F779IIK6 データシート(PDF) 78 Page - STMicroelectronics

部品番号 STM32F779IIK6
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIK6 データシート(HTML) 78 Page - STMicroelectronics

Back Button STM32F779IIK6 Datasheet HTML 74Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 75Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 76Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 77Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 78Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 79Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 80Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 81Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
78/255
DocID028294 Rev 4
-
89
K14 108 131 N12
G1
112 131 N12
PG4
I/O FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
-
90
K13 109 132 N11
G2
113 132 N11
PG5
I/O FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
-
91
J15
110 133 J15
G3
114 133 J15
PG6
I/O FT
-
FMC_NE3, DCMI_D12,
LCD_R7, EVENTOUT
-
-
92
J14
111 134 J14
G4
115 134 J14
PG7
I/O FT
-
SAI1_MCLK_A,
USART6_CK, FMC_INT,
DCMI_D13, LCD_CLK,
EVENTOUT
-
-
93
H14 112 135 H14
G5
116 135 H14
PG8
I/O FT
-
SPI6_NSS, SPDIF_RX2,
USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK, LCD_G7,
EVENTOUT
-
-
94
G12 113 136 G10
F1
117 136 G10
VSS
S
-
-
-
-
95
H13 114 137 G11
F2
118 137 G11 VDDUSB
S
-
-
-
63
96
H15 115 138 H15
G6
119 138 H15
PC6
I/O FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK,
DFSDM1_CKIN3,
USART6_TX,
FMC_NWAIT,
SDMMC2_D6,
SDMMC1_D6, DCMI_D0,
LCD_HSYNC, EVENTOUT
-
64
97
G15 116 139 G15
F3
120 139 G15
PC7
I/O FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK,
DFSDM1_DATIN3,
USART6_RX, FMC_NE1,
SDMMC2_D7,
SDMMC1_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More