データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F732ICT7 データシート(PDF) 69 Page - STMicroelectronics

部品番号 STM32F732ICT7
部品情報  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICT7 データシート(HTML) 69 Page - STMicroelectronics

Back Button STM32F732ICT7 Datasheet HTML 65Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 66Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 67Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 68Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 69Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 70Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 71Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 72Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
-
58
80
N14
99
F3
N14
H9
82
101
PD11
I/O
FT
-
USART3_CTS,
QUADSPI_BK1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE,
EVENTOUT
-
-
59
81
N13 100
F2
N13 L10
83
102
PD12
I/O
FT
-
TIM4_CH1, LPTIM1_IN1,
USART3_RTS,
QUADSPI_BK1_IO1,
SAI2_FS_A,
FMC_A17/FMC_ALE,
EVENTOUT
-
-
60
82
M15 101
E3
M15 K10
84
103
PD13
I/O
FT
-
TIM4_CH2, LPTIM1_OUT,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-
-
83
-
102
-
-
G8
85
104
VSS
S
-
-
-
-
-
-
84
J13 103
-
J13
F8
86
105
VDD
S
-
-
-
-
-
61
85
M14 104
F1
M14 K11
87
106
PD14
I/O
FT
-
TIM4_CH3, UART8_CTS,
FMC_D0, EVENTOUT
-
-
62
86
L14 105
E2
L14 K12
88
107
PD15
I/O
FT
-
TIM4_CH4, UART8_RTS,
FMC_D1, EVENTOUT
-
-
-
87
L15 106
-
L15
J12
89
108
PG2
I/O
FT
-
FMC_A12, EVENTOUT
-
Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F732xx
STM32F733xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More